PART |
Description |
Maker |
AD5066 |
Fully Accurate, Quad, 16-Bit, UnBuffered VOUT, 2.7 V to 5.5 V <i><span style="text-transform: lowercase;">nano</span></i>DAC<sup>®</sup> with SPI Interface
|
Analog Devices
|
AD5687R |
Dual, 12-Bit <em><span style="text-transform: lowercase">nano</span></em>DAC with 2 <span style="text-transform: lowercase">ppm</span>/°C On-Chip Reference and SPI Interface
|
Analog Devices
|
AD5307 AD5307BRU AD5317BRU AD5327BRU |
IC-SM-QUAD 12-BIT DAC 2.5V IC-SM-QUAD 10-BIT DAC 2.5V IC-SM-QUAD 8-BIT DAC 2.5V 2.5 V to 5.5 V, 400 A, Quad Voltage Output 8-Bit DAC in a 16-Lead TSSOP
|
Analog Devices
|
MC100EP016 MC100EP445FAR2 MC10H424FN MC100EP016A M |
3.3V / 5V ECL 8-Bit Synchronous Binary Up Counter 3.3V / 5VECL 8-Bit Serial/Parallel Converter Quad TTL-ECL Translator 5V ECL 6-Bit 2:1 Mux Latch 4-Wide OR-AND/OR-ANDbar Gate Quad 2-Input AND Gate 3.3V / 5V ECL ÷2 Divider 3.3V / 5V ECL Quad 2-Input Differential AND/NAND 5V ECL Quad 4-Input OR/NOR Gate
|
ON Semiconductor
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
74ALVC16240 74ALVC16240MTD 74ALVC16240MTDX |
Quad 4-Bit Buffer/Driver ALVC/VCX/A SERIES, QUAD 4-BIT DRIVER, INVERTED OUTPUT, PDSO48 From old datasheet system Low Voltage 16-Bit Inverting Buffer/Line Driver with 3.6V Tolerant Inputs and Outputs
|
Fairchild Semiconductor, Corp.
|
MAX5253 MAX5253ACAP MAX5253ACPP MAX5253AEAP MAX525 |
Low Power 5V RS232 Dual Driver/Receiver with 0.1?μF Capacitors; Package: SO; No of Pins: 16; Temperature Range: -40?°C to 85?°C SERIAL INPUT LOADING, 16 us SETTLING TIME, 12-BIT DAC, PDIP20 3V / Quad / 12-Bit Voltage-Output DAC with Serial Interface 3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface 3V Quad 12-Bit Voltage-Output DAC with Serial Interface
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
74AC16244 74AC16244SSC 74ACT16244MTD 74ACT16244SSC |
From old datasheet system Octal Serial/Parallel Register with Sign Extend Complete, Dual, 12-Bit Multiplying DAC with 8-Bit Bus Interface ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48 16-Bit Buffer/Line Driver with 3-STATE Outputs ACT SERIES, QUAD 4-BIT DRIVER, TRUE OUTPUT, PDSO48
|
Fairchild Semiconductor, Corp.
|
ADP1607 |
2 MH<span style="text-transform: lowercase">z</span>, Synchronous Boost DC-to-DC Converter
|
Analog Devices
|
FST32211 |
Quad 12-Bit to Single 48-Bit Bus Switch (Preliminary)(Quad 12-Bit to Single 48-Bit Bus Switch 四路12位到单路48位的总线开 四路12位的8位总线开关(初步)(12位的8位总线开关四12位到单路48位的总线开关)
|
Fairchild Semiconductor, Corp.
|
ADXL377 |
3-Axis High <span style="text-transform: lowercase"><em>g</em> </span> Analog MEMS Accelerometer
|
Analog Devices
|